PART |
Description |
Maker |
KO3404 |
VDS (V) = 30V ID =5.8 A (VGS=10V) RDS(ON) 28 m (VGS = 10V)
|
TY Semiconductor Co., Ltd
|
SI4825DY |
P-Channel 30-V (D-S) MOSFET P-Channel 30-V (D-S) MOSFET VDS = -30V; VGS = ± 25V
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
KI4558DY |
PIN Configuration Drain-Source Voltage Vds 30V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
KI5902DC |
Drain-Source Voltage Vds 30V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
SI2300 |
VDS=20V,RDS(ON)=40m VGS=4.5V,ID=5.0A VDS=20V,RDS(ON)=60m
|
TY Semiconductor Co., Ltd
|
KXU05N25 |
VDS (V) = 250V RDS(ON) 1 (VGS = 10V) Drain-Source Voltage VDSS 250 V
|
TY Semiconductor Co., Ltd
|
24C16 ST25C16 ST25C16B1TR ST25C16B3TR ST25C16B5TR |
MOSFET; Transistor Polarity:Dual P Channel; Drain Source Voltage, Vds:-30V; Continuous Drain Current, Id:-6.4A; Package/Case:PowerPAK 1212-8 16千位串行I2C总线的EEPROM与用户定义的块写保护 16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection 16千位串行I2C总线的EEPROM与用户定义的块写保护 MOSFET, DUAL NN POWERPAKMOSFET, DUAL NN POWERPAK; Transistor type:MOSFET; Transistor polarity:Dual N; Voltage, Vds max:100V; Case style:PowerPak SO-8; Current, Id cont:1.8A; Current, Idm pulse:10A; Power, Pd:1.3W; Resistance, Rds MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-3.6A; On-Resistance, Rds(on):0.065ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:MICRO FOOT; Leaded Process Compatible:No MOSFET, DUAL, PP, POWERPAK; Transistor type:MOSFET; Current, Id cont:7A; Resistance, Rds on:0.02R; Voltage, Vgs Rds on measurement:10V; Case style:SO-8 PowerPak; Charge, gate p channel:49nC; Current, Idm pulse:30A; Depth, RoHS Compliant: Yes (ST2xxx) 16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection 16/8/4/2/1KbitSerialICBusEEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ST93C46A ST93C46AB1013TR ST93C46AB1TR ST93C46AB301 |
From old datasheet system 1K (64 x 16 or 128 x 8) SERIAL MICROWIRE EEPROM MOSFET; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:3.4A; On-Resistance, Rds(on):0.085ohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Package/Case:6-TSOP RoHS Compliant: Yes MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-12V; Continuous Drain Current, Id:-4.5A; On-Resistance, Rds(on):0.04ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:6-TSOP; Leaded Process Compatible:No MOSFET, P TSOP-6MOSFET, P TSOP-6; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:12V; Case style:TSOP-6; Current, Id cont:4.5A; Current, Idm pulse:20A; Power, Pd:1.1W; Resistance, Rds on:0.04R; SMD:1; Charge, Qrr typ Circular Connector; No. of Contacts:13; Series:JT02R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:10-13 Circular Connector; No. of Contacts:13; Series:JT02R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:10-13 1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM 000 64 x 1628 × 8 MICROWIRE的串行EEPROM 1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM 000 64 x 16128 × 8 MICROWIRE的串行EEPROM
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
NDH854P |
Length/Height 1.02 mm Width 4.55 mm Depth 4.06 mm Power dissipation 1.8 W Transistor polarity P Channel Current Id cont. 5.1 A Voltage Vgs th max. 4.5 V Voltage Vds max 30 V P-Channel Enhancement Mode Field Effect Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
TIP812-DOC-20 TIP812-TM-21 TIP812 TIP812-10 TIP812 |
SERCOS Controller SERCOS总线控制 RES 680 OHM 1% 3W SILICONE WW SERCOS总线控制 N-Channel MOSFETs (>500V
900V); Package: PG-TO262-3; VDS (max): 500.0 V; Package: I2PAK (TO-262); RDS(ON) @ TJ=25°C VGS=10: 190.0 mOhm; ID(max) @ TC=25°C: 21.0 A; IDpuls (max): 63.0 A;
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
AF4953P AF4953PS AF4953PSA AF4953PSL AF4953PSLA |
V(ds): -30V; V(gs): -25V; I(s): -2.1A; dual P-channel 30-V (D-S) MOSFET
|
ETC Anachip Corp
|